Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSDAXX11CDN Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSDAXX11CDN
Description  BIDIRECTIONAL TVS DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSDAXX11CDN Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSDAXX11CDN Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSDAXX11CDN Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSDAXX11CDN Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.03 20140320
YSDAxx11CDN
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(V)
(max.)
(@A)
(max.)
(typ.)
10
1
40
1
1
1
75
1
19
47
4
1
3.5
6
8.5
1
1
1
22
YSDA1811CDN
DF
18
35
YSDA2411CDN
DH
24
40
1
26.7
27
37
6
1
25
45
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
VALUE
13.3
16.7
19.5
8
12
15
25
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
Watts
YSDA1511CDN
DE
1
℃
Storage Temperature Range
CT
YSDA3311CDN
260 (10 sec.)
TL
TJ
Lead Soldering Temperature
-55 ~ 150
Operating Temperature Range
℃
TSTG
-55 ~ 150
℃
200
PPP
Peak Pulse Power (tp=8/20µs waveform)
UNITS
PARAMETER
SYMBOL
PART NUMBER
DEVICE
MARKING
VRWM
60
1
VC
VB
D3
IT
VC
20
2
YSDA3611CDN
DN
36
60
3.3
5
12
15
IR
YSDA1211CDN
DD
12
18
14
1
7
1
D8
YSDA0511CDN
D5
5
9.5
20
30
45
YSDA0811CDN
55
3
1
24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com