Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSUSB2 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSUSB2
Description  LOW CAPACITANCE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSUSB2 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSUSB2 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSUSB2 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSUSB2 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20120424
YSUSB2.0-5
H
APPLICATIONS
◆ USB 2.0 Power and Data Line Protection
◆ Video Graphics Cards
◆ Monitors and Flat Panel Displays
◆ Digit Video Interface (DVI)
◆ 10/100/1000 Ethernet
◆ Notebook Computers
◆ SIM Ports
◆ ATM Interfaces
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
FEATURES
◆ 80 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects four I/O lines
◆ Low clamping voltage
◆ Working voltages : 5V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ SOT-26 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 16 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
SOT-26
PIN CONFIGURATION
LOW CAPACITANCE
TVS DIODE ARRAY


Similar Part No. - YSUSB2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSUSB2.0-5 YEASHIN-YSUSB2.0-5 Datasheet
858Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - YSUSB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
Low Capacitance
REV. A
logo
Yea Shin Technology Co....
YSCLAMP0504F YEASHIN-YSCLAMP0504F Datasheet
908Kb / 3P
LOW CAPACITANCE
YSLC3304CP8 YEASHIN-YSLC3304CP8 Datasheet
900Kb / 3P
LOW CAPACITANCE
YSLCXX01CW YEASHIN-YSLCXX01CW Datasheet
741Kb / 3P
LOW CAPACITANCE
logo
Shanghai Semitech Semic...
MSQA6V1W5 SEMITECH-MSQA6V1W5 Datasheet
131Kb / 3P
Low Capacitance
SLVU2.8-4 SEMITECH-SLVU2.8-4 Datasheet
256Kb / 6P
Low capacitance
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
Low capacitance
logo
M/A-COM Technology Solu...
MPN1XXX-12 MA-COM-MPN1XXX-12 Datasheet
474Kb / 3P
Low Capacitance
logo
STMicroelectronics
SCT30N120 STMICROELECTRONICS-SCT30N120 Datasheet
800Kb / 13P
Low capacitance
24-Jul-2016
logo
Semtech Corporation
RCLAMP0501T SEMTECH-RCLAMP0501T Datasheet
113Kb / 6P
Low Capacitance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com