Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSUSB2 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSUSB2
Description  LOW CAPACITANCE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSUSB2 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSUSB2 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSUSB2 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSUSB2 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.03 20120424
YSUSB2.0-5
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
VB
PART NUMBER
DEVICE
MARKING
VRWM
YSUSB2.0-5
YB05
5.0
6.0
SYMBOL
VALUE
PPP
80
VC
IT
-55 ~ 150
℃
TL
260 (10 sec.)
℃
1
23.0
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
1.7
Storage Temperature Range
TSTG
-55 ~ 150
℃
IR
CT
1
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
9.8
1
Watts
PARAMETER
VC
Lead Soldering Temperature
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
Operating Temperature Range



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com