Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF1AS Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # FF1AS
Description  GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FF1AS Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  FF1AS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 4Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Terminals: Solderable per MIL-STD-750, Method 2026
NOTES: 1.
2.Soldering land: 6mm x 6mm
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT
F1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
DATA SHEET
Case:SOD-123S,Molded Plastic over passivated junction
F2
F3
F4
F5
F6
F7
SOD-123S
0.014(0.35)
MIN
0.112(2.85)
0.047(1.20)
0.100(2.55)
MAX
0.152(3.85)
0.140(3.55)
Unit:inch(mm)
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
FF1AS THRU FF1MS
SYMBOL
Maximum Recurre nt Peak Reverse V oltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blo cking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forw a rd Rect ified Current at TA = 55
1.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
IFSM
30
Amps
Maximum Forward Voltage at 1.0A DC
VF
1.30
s
tl
o
V
@TA = 25
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 125
IR
150
uAmps
Maximum Reverse Recovery Time
trr
150
250
500
nSec
Maxi mum Thermal Resi stance (Note 2)
30
Typical Junction Capacitance (Note 1)
CJ
15
pF
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
FF1AS
FF1BS FF1DS
FF1GS
FF1JS
FF1KS FF1MS
SEMICONDUCTOR
R
θ JL
°C
°C / W
http://www.yeashin.com
1
REV.03 20141119
PARAMETER
Marking Code
°C
°C
UNITS
Typical thermal resistance(Note 2)
R
θ JA
65
°C / W
°C
°C
H
F(AC)
I
Measured at 1 MHz and applied reverse voltage of 4.0 VDC


Similar Part No. - FF1AS

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
FF1AS BYTESONIC-FF1AS Datasheet
284Kb / 3P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
Version 1.5 2019/6/18
More results

Similar Description - FF1AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
GF1AS LUGUANG-GF1AS Datasheet
355Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
GF1AS YEASHIN-GF1AS Datasheet
231Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Bytesonic Electronics C...
FF1AS BYTESONIC-FF1AS Datasheet
284Kb / 3P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
Version 1.5 2019/6/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com