Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF1AS Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # FF1AS
Description  GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FF1AS Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  FF1AS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 4Page - Yea Shin Technology Co., Ltd FF1AS Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MOUNTING PAD LAYOUT
S
FF1AS THRU FF1MS
http://www.yeashin.com
3
REV.03 20141119
FIG.6
PERCENT OF PEAK REVERSE VOLTAGE
0.01
0.10
1.00
10.00
100.00
200V
400V
600V
800V
1000V
25℃
75℃
125℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com