Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF340 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RF340
Description  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF340 Datasheet(HTML) 4 Page - Intersil Corporation

  RF340 Datasheet HTML 1Page - Intersil Corporation RF340 Datasheet HTML 2Page - Intersil Corporation RF340 Datasheet HTML 3Page - Intersil Corporation RF340 Datasheet HTML 4Page - Intersil Corporation RF340 Datasheet HTML 5Page - Intersil Corporation RF340 Datasheet HTML 6Page - Intersil Corporation RF340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
110
102
103
VDS, DRAIN TO SOURCE VOLTAGE (V)
102
10
1
0.1
TC = 25
oC
TJ = 150
oC
SINGLE PULSE
OPERATION IN
THIS AREA LIMITED
BY rDS(ON)
100
µs
10
µs
1ms
10ms
DC
0
40
80
120
160
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
15
12
9
6
3
0
80
µs PULSE TEST
VGS = 6V
VGS = 4V
VGS = 4.5V
VGS = 5V
VGS = 5.5V
VGS = 10V
02468
10
VDS, DRAIN TO SOURCE VOLTAGE (V)
15
12
9
6
3
0
80
µs PULSE TEST
VGS = 5V
VGS = 4.5V
VGS = 4V
VGS = 5.5V
VGS = 6V
VGS = 10V
02
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
100
10
1
0.1
TJ = 150
oC
TJ = 25
oC
VDS ≥ 50V
80
µs PULSE TEST
0
10
20304050
5
4
3
2
1
0
ID, DRAIN CURRENT (A)
80
µs PULSE TEST
VGS = 20V
VGS = 10V
3.0
2.4
1.8
1.2
0.6
0
-60
0
20
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 10A
-40
-20
140
100
40
60
80
VGS = 10V
IRF340



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com