Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF340 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RF340
Description  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF340 Datasheet(HTML) 3 Page - Intersil Corporation

  RF340 Datasheet HTML 1Page - Intersil Corporation RF340 Datasheet HTML 2Page - Intersil Corporation RF340 Datasheet HTML 3Page - Intersil Corporation RF340 Datasheet HTML 4Page - Intersil Corporation RF340 Datasheet HTML 5Page - Intersil Corporation RF340 Datasheet HTML 6Page - Intersil Corporation RF340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source To Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral
Reverse P-N Junction
Rectifier
-
-
10
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
40
A
Drain to Source Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 9.2A, VGS = 0V (Figure 13)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 9.2A, dISD/dt = 100A/µs
170
350
790
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 9.2A, dISD/dt = 100A/µs
1.6
4.0
8.2
µC
NOTES:
2. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse width limited by Max junction temperature. See Transient Thermal Impedance Curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 9.2mH, R
G = 25Ω, peak IAS = 10A (Figures 15, 16).
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
10
8
6
4
2
0
TC, CASE TEMPERATURE (
oC)
10-5
10-4
10-3
10-2
0.1
1
10
1
0.1
0.01
10-3
t1, RECTANGULAR PULSE DURATION (s)
0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
2
IRF340



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com