Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD4448HTW
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD4448HTW Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD4448HTW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD4448HTW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBD4448HTW Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Switching Diodes
MMBD4448HCQW/HAQW/HADW/HCDW/HSDW/HTW
(KMBD4448HCQW/HAQW/HADW/HCDW/HSDW/HTW)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
100
VF1
IF= 5 mA
0.62
0.72
VF2
IF= 10 mA
0.855
VF3
IF= 50 mA
1
VF4
IF= 150 mA
1.25
IR1
VR= 70 V
100
nA
IR2
VR= 75 V , TJ = 150℃
50
IR3
VR= 25 V , TJ = 150℃
30
IR4
VR=20V
25
nA
Junction capacitance
Cj
VR= 6 V, f= 1 MHz
3.5
pF
Reverse recovery time
trr
IF=5mA,VR=6V
4
ns
Forward voltage
V
Reverse voltage leakage current
uA
■
Marking
NO.
MMBD4448
HCQW
MMBD4448
HAQW
MMBD4448
HADW
MMBD4448
HCDW
MMBD4448
HSDW
MMBD4448
HTW
Marking
KA4
KA5
KA6
KA7
KAB
KAA
■
Typical Characterisitics
10
100
1000
1
0.1
0
1.6
1.2
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
T = 125ºC
A
T = -40ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com