Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD4448HTW
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD4448HTW Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD4448HTW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD4448HTW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBD4448HTW Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
Switching Diodes
MMBD4448HCQW/HAQW/HADW/HCDW/HSDW/HTW
(KMBD4448HCQW/HAQW/HADW/HCDW/HSDW/HTW)
■
Typical Characterisitics
0
0.5
1
2.5
2
1.5
3
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Capacitance vs. Reverse Voltage
f = 1MHz
0
50
100
150
200
250
0
0
2
0
0
1
0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 Power Derating Curve, Total Package
0
4
6
8
2
10
I , FORWARD CURRENT (mA)
F
Fig. 5 Reverse Recovery Time vs.
Forward Current
0
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com