Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD16N05LSM Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD16N05LSM
Description  16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N05LSM Datasheet(HTML) 2 Page - Intersil Corporation

  RFD16N05LSM Datasheet HTML 1Page - Intersil Corporation RFD16N05LSM Datasheet HTML 2Page - Intersil Corporation RFD16N05LSM Datasheet HTML 3Page - Intersil Corporation RFD16N05LSM Datasheet HTML 4Page - Intersil Corporation RFD16N05LSM Datasheet HTML 5Page - Intersil Corporation RFD16N05LSM Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-164
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD16N05L,
RFD16N05LSM
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
16
45
A
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
0.48
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250mA, VGS = 0V, Figure 10
50
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250mA, Figure 9
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 40V, VGS = 0V
TC = 150
oC
--
1
µA
--
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V, VDS = 0V
-
-
100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 16A, VGS = 5V
-
-
0.047
Ω
ID = 16A, VGS = 4V
-
-
0.056
Ω
Turn-On Time
t(ON)
VDD = 25V, ID = 8A,
VGS = 5V, RGS = 12.5Ω
Figures 15, 16
-
-
60
ns
Turn-On Delay Time
td(ON)
-14
-
ns
Rise Time
tr
-30
-
ns
Turn-Off Delay Time
td(OFF)
-42
-
ns
Fall Time
tf
-14
-
ns
Turn-Off Time
t(OFF)
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 40V,
ID = 16A,
RL = 2.5Ω
Figures 17, 18
-
-
80
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
-
45
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
-
3
nC
Thermal Resistance Junction to Case
RθJC
-
-
2.083
oC/W
Thermal Resistance Junction to Ambient
RθJA
-
-
100
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 16A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 16A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature.
RFD16N05L, RFD16N05LSM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com