Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD16N05LSM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD16N05LSM
Description  16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N05LSM Datasheet(HTML) 3 Page - Intersil Corporation

  RFD16N05LSM Datasheet HTML 1Page - Intersil Corporation RFD16N05LSM Datasheet HTML 2Page - Intersil Corporation RFD16N05LSM Datasheet HTML 3Page - Intersil Corporation RFD16N05LSM Datasheet HTML 4Page - Intersil Corporation RFD16N05LSM Datasheet HTML 5Page - Intersil Corporation RFD16N05LSM Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-165
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. UNCLAMPED INDUCTIVE SWITCHING SOA
(SINGLE PULSE UIS SOA)
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
TC, CASE TEMPERATURE (
oC)
0
25
50
75
100
150
5
10
20
125
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
0.1
102
1
102
10
DC
1
OPERATION IN THIS AREA
LIMITED BY rDS(ON)
ID MAX CONTINUOUS
TC = 25
oC
TJ = MAX RATED
10
102
1
tAV, TIME IN AVALANCHE (ms)
110
0.01
0.10
tAV = (L)(IAS)/(1.3 RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3 RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
Idm
0
15
30
0
1.5
3.0
4.5
7.5
45
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 2V
VGS = 3V
VGS = 10V
PULSE DURATION = 80
µs
VGS = 5V
VGS = 4V
6.0
TC = 25
oC
DUTY CYCLE = 0.5% MAX.
0
3.0
4.5
6.0
1.5
0
15
30
45
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS = 15V
RFD16N05L, RFD16N05LSM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com