Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD3055 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD3055
Description  12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055 Datasheet(HTML) 2 Page - Intersil Corporation

  RFD3055 Datasheet HTML 1Page - Intersil Corporation RFD3055 Datasheet HTML 2Page - Intersil Corporation RFD3055 Datasheet HTML 3Page - Intersil Corporation RFD3055 Datasheet HTML 4Page - Intersil Corporation RFD3055 Datasheet HTML 5Page - Intersil Corporation RFD3055 Datasheet HTML 6Page - Intersil Corporation RFD3055 Datasheet HTML 7Page - Intersil Corporation RFD3055 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-436
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RFD3055, RFD3055SM, RFP3055
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain to Gate Voltage (RGS = 20KΩ) (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
12
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
Refer to Peak Current Curve
A
Single Pulse Avalanche Rating (Figures 14, 15) . . . . . . . . . . . . . . . . . . . . . . . . . . IAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
53
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.357
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ,TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
1
µA
TC = 125
oC, V
DS = 0.8 x Rated BVDSS
--
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
100
nA
Drain to Source On Resistance
rDS(ON)
ID = 12A, VGS = 10V (Figure 9) (Note 2)
-
-
0.150
Ω
Turn-On Time
tON
VDD = 30V, ID = 12A
RL = 2.5Ω, VGS = +10V
RG = 10Ω
(Figure 13)
-
-
40
ns
Turn-On Delay Time
td(ON)
-7-
ns
Rise Time
tr
-21-
ns
Turn-Off Delay Time
td(OFF)
-16-
ns
Fall Time
tf
-10-
ns
Turn-Off Time
tOFF
-
-
40
ns
Total Gate Charge
Qg(TOT)
VGS = 0 to 20V
VDD = 48V,ID = 12A,
RL = 4Ω,
Ig(REF) = 0.24mA
(Figure 13)
-19
23
nC
Gate Charge at 10V
Qg(10)
VGS = 0 to 10V
-
10
12
nC
Threshold Gate Charge
Qg(TH)
VGS = 0 to 2V
-
0.6
0.8
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz (Figure 12)
-
300
-
pF
Output Capacitance
COSS
-
100
-
pF
Reverse Transfer Capacitance
CRSS
-30-
pF
Thermal Resistance Junction to Case
RθJC
-
-
2.8
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
TO-220
-
-
62.5
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 12A
-
-
1.5
V
Reverse Recovery Time
trr
ISD = 12A, dISD/dt = 100A/µs
-
-
100
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD3055, RFD3055SM, RFP3055



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com