Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD3055 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD3055
Description  12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055 Datasheet(HTML) 3 Page - Intersil Corporation

  RFD3055 Datasheet HTML 1Page - Intersil Corporation RFD3055 Datasheet HTML 2Page - Intersil Corporation RFD3055 Datasheet HTML 3Page - Intersil Corporation RFD3055 Datasheet HTML 4Page - Intersil Corporation RFD3055 Datasheet HTML 5Page - Intersil Corporation RFD3055 Datasheet HTML 6Page - Intersil Corporation RFD3055 Datasheet HTML 7Page - Intersil Corporation RFD3055 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-437
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
10
8
6
4
2
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
12
14
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t1, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
SINGLE PULSE
50
10
1
0.1
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
1ms
100
µs
10ms
DC
TC = 25
oC
TJ = MAX RATED
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
SINGLE PULSE
10-3
10-2
10-1
100
101
102
103
104
10
100
t, PULSE WIDTH (ms)
VGS = 20V
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
*
175
T
C
–
150
----------------------
=
200
TC = 25
oC
RFD3055, RFD3055SM, RFP3055



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com