Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD4N06LSM Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD4N06LSM
Description  4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD4N06LSM Datasheet(HTML) 2 Page - Intersil Corporation

  RFD4N06LSM Datasheet HTML 1Page - Intersil Corporation RFD4N06LSM Datasheet HTML 2Page - Intersil Corporation RFD4N06LSM Datasheet HTML 3Page - Intersil Corporation RFD4N06LSM Datasheet HTML 4Page - Intersil Corporation RFD4N06LSM Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6-190
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD4N06L
RFD4N06LSM
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
60
V
Drain to Gate Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
4A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
10
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derated above 25oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
30
0.20
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 1mA, VGS = 0V
60
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
1
-
2.5
V
Zero Gate Voltage Drain Current
IDSS
TC = 25
oC, V
DS = 50V, VGS = 0V
-
-
1
µA
TC = 125
oC, V
DS = 50V, VGS = 0V
-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = 10V, VDS = 0V
-
-
100
nA
Drain to Source On Voltage (Note 2)
VDS(ON)
ID = 1A, VGS = 5V
-
-
0.8
V
ID = 2A, VGS = 5V
-
-
2.0
V
ID = 4A, VGS = 7.5V
-
-
4.0
V
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 1A, VGS = 5V
-
-
0.600
Ω
Forward Transconductance (Note 2)
V(plateau) VDS = 15V, ID = 4A
-
-
4.5
V
Turn-On Delay Time
td(ON)
VDD = 30V, ID = 1A, RGS = 6.25Ω,
VGS = 5V
-
-
20
ns
Rise Time
tr
-
-
130
ns
Turn-Off Delay Time
td(OFF)
-
-
40
ns
Fall Time
tf
-
-
160
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 0-10V
VDD = 48V,
ID = 2A,
RL = 24Ω
--
8
nC
Gate Charge at 5V
Qg(5)
VGS = 0-5V
-
-
5
nC
Threshold Gate Charge
Qg(TH)
VGS = 0-1V
-
-
1
nC
Thermal Resistance Junction to Case
RθJC
--
5
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 1A
-
-
1.4
V
Reverse Recovery Time
trr
ISD = 2A, dISD/dt = 100A/µs
-
150
-
ns
NOTES:
2. Pulsed: pulse duration = 300
µs max, duty cycle = 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFD4N06L, RFD4N06LSM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com