Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD4N06LSM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD4N06LSM
Description  4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD4N06LSM Datasheet(HTML) 3 Page - Intersil Corporation

  RFD4N06LSM Datasheet HTML 1Page - Intersil Corporation RFD4N06LSM Datasheet HTML 2Page - Intersil Corporation RFD4N06LSM Datasheet HTML 3Page - Intersil Corporation RFD4N06LSM Datasheet HTML 4Page - Intersil Corporation RFD4N06LSM Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6-191
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
TC, CASE TEMPERATURE (
oC)
0
25
50
75
100
125
150
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
5
3
2
1
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
0.1
10
1
100
1.0
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS AREA
LIMITED BY rDS(ON)
12
10
8
6
4
2
0
0123
45
6
7
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 7.5V
VGS = 10V
VGS = 5V
4.5V
4V
3.5V
3V
2.5V
2V
VGS, GATE TO SOURCE VOLTAGE (V)
TC = -40
oC
TC = -40
oC
TC = 125
oC
5
4
3
2
1
0
12
3
4
5
6
8
7
6
VDS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
TC = 125
oC
ID, DRAIN CURRENT (A)
TC = 25
oC
TC = -40
oC
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.6
02468
10
VGS = 5V
PULSE DURATION = 80
µs
TC = 125
oC
RFD4N06L, RFD4N06LSM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com