Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS20 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BFS20
Description  Plastic-Encapsulate Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BFS20 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BFS20_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Any changing of specification will not be informed individual
BFS20
NPN Silicon
Plastic-Encapsulate Transistor
Power dissipation
High Fequency Application.
VHF Band Amplifier application
RoHS Compliant Product
PCM : 0.25 W
Collector Current
ICM : 25mA
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
V(BR)CBO : 30 V
Operating & storage junction temperature
Tj, Tstg : - 55
O
C ~ + 150
O
C
3
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 100
µA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
4
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=15V, IB=0
0.1
µA
Collector cut-off current
IEBO
VEB=4V, IC=0
0.1
µA
DC current gain
hFE
VCE=10V, IC= 7mA
40
120
Collector-emitter saturation voltage
VCE(sat)
IC=10 mA, IB=1mA
0.3
V
Base-emitter voltage
VBE(on)
IC=7mA, VCE=10V
0.9
V
Transition frequency
fT
VCE= 10V, IC=5mA
f = 100MHz
275
MHz
Marking
G11
01-Jun-2002 Rev. A
Page 1 of 1
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BFS20_15

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
BFS2070A0B SAMWHA-BFS2070A0B Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0F SAMWHA-BFS2070A0F Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0L SAMWHA-BFS2070A0L Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0S SAMWHA-BFS2070A0S Datasheet
333Kb / 3P
BEAD Filter
BFS2070A2B SAMWHA-BFS2070A2B Datasheet
333Kb / 3P
BEAD Filter
More results

Similar Description - BFS20_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com