Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2000SC Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SP2000SC
Description  Protection Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SP2000SC Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SP2000SC Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SP2000SC Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Thyristors
■
Features
●
Low voltage overshoot
●
Low on-state voltage
●
Does not degrade with use
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Thermal Resistance Junction to Ambient
RthJA
90
℃
/W
Junction Temperature
TJ
-40 to 150
Storage Temperature Range
Tstg
-65 to 150
℃
1.950
2.650
4.600
4.050
5.600
5.100
2.200
1.950
2.00
1.600
0.750
0.200
0.050
0.410
0.150
Recommended
Land Pattern
DO-214AA(SMB)
Unit: mm
■
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Part Number
Marking
V
DRM
@l DRM =5µA
V
S
@100V/µs
I
H
I
S
I
T
V
T
@I
T=2.2 A
Capacitance
@1MHz, 2V bias
V min
V max
SP1200SA
P12A
100
130
120
800
2.2
4
30
45
SP2000SA
P20A
180
220
120
800
2.2
4
25
35
SP2500SA
P25A
230
290
120
800
2.2
4
20
35
SP1200SB
P12B
100
130
120
800
2.2
4
30
65
SP2000SB
P20B
180
220
120
800
2.2
4
25
95
SP2500SB
P25B
230
290
120
800
2.2
4
35
95
SP1200SC
P12C
100
130
120
800
2.2
4
20
35
SP2000SC
P20C
180
220
120
800
2.2
4
20
35
SP2500SC
P25C
230
290
120
800
2.2
4
30
85
mA min mA max
A max
V max
pF min
pF min
■
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
A min
A min
A min
A min
A min
Amps/µs max
A min
A min
A min
A min
A min
Notes:
1 Current waveform in µs
2 Voltage waveform in µs
- Peak pulse current rating (I
PP ) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J
<
Protection Thyristor
SP1200SA ~ SP2500SC
●
HF ROHS Asymmetrical Discrete Series- DO-214
2.00


Similar Part No. - SP2000SC

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
SP2000 ARIES-SP2000 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
EUROQUARTZ limited
SP20000A EUROQUARTZ-SP20000A Datasheet
112Kb / 1P
OSCILLATORS - PROGRAMMABLE
logo
List of Unclassifed Man...
SP2000ACP ETC-SP2000ACP Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
SP2000MQMJ ETC-SP2000MQMJ Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
More results

Similar Description - SP2000SC

ManufacturerPart #DatasheetDescription
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
P thyristor for circuit protection
logo
HuaXinAn Electronics CO...
P0080SALRP HUAXINAN-P0080SALRP_14 Datasheet
673Kb / 8P
Protection Thyristor
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
Protection Thyristor
P0080EA HUAXINAN-P0080EA_V01 Datasheet
617Kb / 7P
SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
SIDACtor Protection Thyristor
P2600LA HUAXINAN-P2600LA_V01 Datasheet
328Kb / 4P
SIDACtor Protection Thyristor
P3100LA HUAXINAN-P3100LA_V01 Datasheet
327Kb / 4P
SIDACtor Protection Thyristor
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
SIDACtor Protection Thyristor
logo
Shanghai Leiditech Elec...
P0640SCMC LEIDITECH-P0640SCMC Datasheet
1Mb / 6P
Over-voltage Protection Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com