Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2000SC Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SP2000SC
Description  Protection Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SP2000SC Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SP2000SC Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SP2000SC Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Thyristors
■
Typical Characterisitics
25°C
Case Temperature (T C ) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized VS Change vs. JunctionTemperature
Normalized DC Holding Current vs. CaseTemperature
IH
IT
IS
IDRM
V DRM
V T
+V
-V
+I
-I
V S
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
tr x t d Pulse Waveform
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (T J) – °C
25
°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL toT P
Figure 1
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T s(min) )
-Temperature Max (Ts(max) )
-Time (Min to Max) (t s )
60-180 secs.
Average ramp up rate (LiquidusTemp (T L)
to peak)
3°C/sec. Max.
T
S(max) to T L - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (TL ) (Liquidus)
-Temperature (t L )
60-150 secs.
PeakTemp (TP)
Time within 5°C of actual PeakTemp (t p )
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (TP)
8 min. Max.
Do not exceed
Protection Thyristor
SP1200SA ~ SP2500SC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com