Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 2 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 2 Page - Analog Devices

  CMP04_15 Datasheet HTML 1Page - Analog Devices CMP04_15 Datasheet HTML 2Page - Analog Devices CMP04_15 Datasheet HTML 3Page - Analog Devices CMP04_15 Datasheet HTML 4Page - Analog Devices CMP04_15 Datasheet HTML 5Page - Analog Devices CMP04_15 Datasheet HTML 6Page - Analog Devices CMP04_15 Datasheet HTML 7Page - Analog Devices CMP04_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. D
–2–
CMP04–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 0
Ω, RL = 5.1 kΩ, VO = 1.4 V1
0.4
1
mV
Input Offset Current
IOS
IIN(+) – IIN(–), RL = 5.1 k
Ω, V
O = 1.4 V
2
10
nA
Input Bias Current
IB
IIN(+) or IIN(–)
25
100
nA
Voltage Gain
AV
RL
≥ 15 kΩ, V+ = 15 V2
80
200
V/mV
Large Signal Response Time
tr
VIN = TTL Logic Swing, VREF = 1.4 V
3
VRL = 5 V, RL = 5.1 k
Ω
300
ns
Small Signal Response Time
tr
VIN = 100 mV Step
3, 5 mV Overdrive
VRL = 5 V, RL = 5.1 k
Ω
1.3
µs
Input Voltage Range
CMVR
Note 4
0
V+ – 1.5
V
Common-Mode Rejection Ratio
CMRR
Notes 2, 5
80
100
dB
Power Supply Rejection Ratio
PSRR
V+ = 5 V to 18 V
2
80
100
dB
Saturation Voltage
VOL
VIN(–)
≥ 1 V, V
IN(+) = 0, ISINK
≤ 4 mA
250
400
mV
Output Sink Current
ISINK
VIN(–)
≥ 1 V, VIN(+) = 0, VO ≤ 1.5 V
6
16
mA
Output Leakage Current
ILEAK
VIN(+)
≥ 1 V, V
IN(–) = 0, VO = 30 V
0.1
100
nA
Supply Current
I+
RL =
∞, All Comps V+ = 30 V
0.8
2.0
mA
NOTES
1At output switch point, V
O = 1.4 V, RS = 0
Ω with V+ from 5 V, and over the full input common-mode range (0 V to V+ – 1.5 V).
2Guaranteed by design.
3Sample tested.
4The input common-mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range
is V+ – 1.5 V, but either or both inputs can go to 30 V without damage.
5R
L
≥ 15 kΩ, V+ = 15 V, V
CM = 1.5 V to 13.5 V.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V+ = 5 V, T
A = 25 C, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +36 V or
±18 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . 36 V dc
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +36 V
Operating Temperature Range
CMP04FS . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Input Current (VIN < –3.0 V) . . . . . . . . . . . . . . . . . . . 50 mA
Output Short Circuit to GND . . . . . . . . . . . . . . . . Continuous
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
Package Type
JA
2
JC
Unit
14-Lead SOIC
120
36
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted. Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2
θ
JA is specified for worst-case mounting conditions, i.e.,
θ
JA is specified for device
soldered to printed circuit board for SOIC package.
ORDERING GUIDE
TA = 25 C
Temperature
Package
Package
Model
VOS
Ranges
Descriptions
Options
CMP04FS
1 mV
–40
°C to +85°C
14-Lead SOIC
R-14
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the CMP04 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com