Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 1 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 1 Page - Analog Devices

  CMP04_15 Datasheet HTML 1Page - Analog Devices CMP04_15 Datasheet HTML 2Page - Analog Devices CMP04_15 Datasheet HTML 3Page - Analog Devices CMP04_15 Datasheet HTML 4Page - Analog Devices CMP04_15 Datasheet HTML 5Page - Analog Devices CMP04_15 Datasheet HTML 6Page - Analog Devices CMP04_15 Datasheet HTML 7Page - Analog Devices CMP04_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. D
a
CMP04
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Quad Low Power,
Precision Comparator
FEATURES
High Gain: 200 V/mV Typ
Single- or Dual-Supply Operation
Input Voltage Range Includes Ground
Low Power Consumption (1.5 mW/Comparator)
Low Input Bias Current: 100 nA Max
Low Input Offset Current: 10 nA Max
Low Offset Voltage: 1 mV Max
Low Output Saturation Voltage: 250 mV @ 4 mA
Logic Output Compatible with TTL, DTL, ECL, MOS,
and CMOS
Directly Replaces LM139/LM239/LM339 Comparators
GENERAL DESCRIPTION
Four precision independent comparators comprise the CMP04.
Performance highlights include a very low offset voltage, low
output saturation voltage, and high gain in a single-supply
design. The input voltage range includes ground for single-
supply operation and V– for split supplies. A low power
supply current of 2 mA, which is independent of supply voltage,
makes this the preferred comparator for precision applications
requiring minimal power consumption. Maximum logic inter-
face flexibility is offered by the open-collector TTL output.
Q3
Q2
100 A
3.5 A
3.5 A
100 A
Q8
+INPUT
*
OUTPUT
Q4
Q7
*
–INPUT
Q6
Q5
Q1
V+
*SUBSTRATE DIODES
Figure 1. Simplified Schematic (1/4 CMP04)
PIN CONNECTIONS
14-Lead SOIC
14
13
12
11
10
9
8
1
2
3
4
5
6
7
CMP04
1
4
3
2
OUT 2
OUT 3
OUT 1
V+
IN 1–
IN 1+
IN 2–
IN 2+
OUT 4
GND
IN 4+
IN 4–
IN 3+
IN 3–
TYPICAL INTERFACE
5.0
1/4
CMP04
3
12
100k
1/4
CD4011
Figure 2a. Driving CMOS
5.0
1/4
CMP04
3
12
10k
1/4 SN7400
Figure 2b. Driving TTL


Similar Part No. - CMP04_15

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA1 FIDELIX-CMP0417AA1 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA2 FIDELIX-CMP0417AA2 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA4 FIDELIX-CMP0417AA4 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - CMP04_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
Quad Low Power, Precision Comparator
3/03-Data Sheet changed from REV. C to REV. D.
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
Low power quad voltage comparator
19-Dec-2007
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
Low Power Quad Comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com