Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402 Datasheet(PDF) 6 Page - Analog Devices

Part # CMP402
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP402 Datasheet(HTML) 6 Page - Analog Devices

  CMP402_15 Datasheet HTML 1Page - Analog Devices CMP402_15 Datasheet HTML 2Page - Analog Devices CMP402_15 Datasheet HTML 3Page - Analog Devices CMP402_15 Datasheet HTML 4Page - Analog Devices CMP402_15 Datasheet HTML 5Page - Analog Devices CMP402_15 Datasheet HTML 6Page - Analog Devices CMP402_15 Datasheet HTML 7Page - Analog Devices CMP402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
CMP401/CMP402
–6–
POSITIVE SUPPLY VOLTAGE – V
110
100
30
12
6
34
5
70
60
50
40
90
80
+VAN = +VDIG
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
+PDELAY
–PDELAY
TPC 10. CMP402 Propagation Delay
vs. Supply Voltage – 20 mV OD
POSITIVE SUPPLY VOLTAGE – V
1200
1000
0
12
6
34
5
800
600
400
200
+VAN = +VDIG
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
–SLEW
+SLEW
TPC 13. CMP401/CMP402 Slew Rate
vs. Positive Supply Voltage
TEMPERATURE – C
2.5
2.0
0
–75 –50
150
–25
0
25
75 100 125
50
1.5
1
0.5
TPC 16. CMP401/CMP402 Input
Offset Voltage vs. Temperature
CAPACITIVE LOAD – pF
50
40
0
0
100
500
200
300
400
30
20
10
45
35
25
15
5
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS = 50 , TA = 25 C
+PDELAY
–PDELAY
TPC 11. CMP401 Propagation Delay
vs. Capacitive Load
SUPPLY VOLTAGE – V
80
70
0
12
6
34
5
40
30
20
10
60
50
–PDELAY
+PDELAY
+VAN = +VDIG
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
TPC 14. CMP401 Propagation Delay
vs. Supply Voltage
TEMPERATURE – C
2.0
1.6
0.0
–75 –50
150
–25
0
25
75 100 125
50
1.2
0.8
0.4
5V
3V
TPC 17. CMP401 Digital Supply
Current vs. Temperature
CAPACITIVE LOAD – pF
90
80
0
0
100
500
200
300
400
40
30
20
10
70
50
60
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , TA = 25 C
+PDELAY
–PDELAY
TPC 12. CMP402 Propagation Delay
vs. Capacitive Load
LOAD CURRENT – µA
1000
10
0.1
1
10
100000
100
1000
10000
100
1
TA = 25 C
– RAIL
+ RAIL
TPC 15. CMP401/CMP402 Delta Out-
put Swing from Power Supplies vs.
Load Current
TEMPERATURE – C
2.0
1.6
0.0
–75 –50
150
–25
0
25
75 100 125
50
1.2
0.8
0.4
5V
3V
TPC 18. CMP402 Digital Supply
Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com