Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402 Datasheet(PDF) 2 Page - Analog Devices

Part # CMP402
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP402 Datasheet(HTML) 2 Page - Analog Devices

  CMP402_15 Datasheet HTML 1Page - Analog Devices CMP402_15 Datasheet HTML 2Page - Analog Devices CMP402_15 Datasheet HTML 3Page - Analog Devices CMP402_15 Datasheet HTML 4Page - Analog Devices CMP402_15 Datasheet HTML 5Page - Analog Devices CMP402_15 Datasheet HTML 6Page - Analog Devices CMP402_15 Datasheet HTML 7Page - Analog Devices CMP402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
CMP401/CMP402–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
1
VOS
TA = 25
°C3
mV
VOS
4mV
Hysteresis
2mV
Input Bias Current
IB
TA = 25
°C3
µA
IB
4
µA
Input Offset Current
IOS
±3
µA
Input Common-Mode Voltage Range
VCM
04.0
V
Common-Mode Rejection
CMRR
0.1 V
≤ V
CM
≤ 3.9 V
60
dB
Large-Signal Voltage Gain
AVO
RL = 10 k
Ω
10
V/mV
Offset Voltage Drift
∆V
OS/
∆T1
µV/°C
OUTPUT CHARACTERISTICS
Output High Voltage
VOH
IOH = –3.2 mA
4.6
V
Output Low Voltage
VOL
IOL = 3.2 mA
0.2
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V+ANA and V+DIG 2.7 V to 6 V
60
dB
Analog Supply Current – CMP401
IANA
TA = 25
°C6.5
mA
Digital Supply Current – CMP401
IDIG
VO = 0 V, RL =
∞, T
A = 25
°C2.0
mA
Analog Supply Current – CMP401
IANA
8.0
mA
Digital Supply Current – CMP401
IDIG
VO = 0 V, RL =
∞
2.25
mA
Analog Supply Current – CMP402
IANA
TA = 25
°C1.4
mA
Digital Supply Current – CMP402
IDIG
VO = 0 V, RL =
∞, T
A = 25
°C2.0
mA
Analog Supply Current – CMP402
IANA
1.75
mA
Digital Supply Current – CMP402
IDIG
VO = 0 V, RL =
∞
2.25
mA
DYNAMIC PERFORMANCE
Propagation Delay – CMP401
tP
100 mV Step with 20 mV OD
TA = 25
°C17
23
ns
tP
100 mV Step with 5 mV OD
TA = 25
°C33
ns
tP
100 mV Step with 20 mV OD
30
ns
Propagation Delay – CMP402
tP
100 mV Step with 20 mV OD
TA = 25
°C54
65
ns
tP
100 mV Step with 5 mV OD
TA = 25
°C60
ns
tP
100 mV Step with 20 mV OD
75
ns
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
1
VOS
4.5
mV
Input Common-Mode Voltage Range
VCM
0
2.0
V
Input Differential Voltage Range
VDIFF
±2.0
V
Common-Mode Rejection
CMRR
0.1 V
≤ V
CM
≤ 1.9 V
60
dB
OUTPUT CHARACTERISTICS
Output High Voltage
VOH
IOH = –3.2 mA
2.6
V
Output Low Voltage
VOL
IOL = 3.2 mA
0.25
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V+ANA and V+DIG 2.7 V to 6 V
60
dB
Analog Supply Current – CMP401
IANA
6mA
Digital Supply Current – CMP401
IDIG
VO = 0 V, RL =
∞
1mA
Analog Supply Current – CMP402
IANA
1.2
mA
Digital Supply Current – CMP402
IDIG
VO = 0 V, RL =
∞
1mA
DYNAMIC PERFORMANCE
Propagation Delay – CMP401
tP
100 mV Step with 20 mV OD
32
ns
Propagation Delay – CMP402
tP
100 mV Step with 20 mV OD
70
ns
(@ V+ANA = V+DIG = 5.0 V, VCM = 0.1 V, –40 C
≤ TA ≤ +125 C, unless otherwise noted.)
(@ VANA = VDIG = 3.0 V, VCM = 0.1 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com