Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS05ML4 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05ML4
Description  Low Capacitance ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05ML4 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KS05ML4_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05ML4_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05ML4_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
KS05ML4
36W, 5V
Low Capacitance ESD Protection (Bi-directional)
23-Jan-2014 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The KS05ML4 is a transient voltage suppressors
(TVS) which provide a very high level protection for sensitive
electronic components that may be subjected to electrostatic
discharge (ESD). It is designed to replace multilayer varistors
(MLV) in consumer equipments applications such as mobile
phone, notebook, PAD, STB, LCD TV etc.
The KS05ML4 was past ESD transient voltage up
to ±8KV (contact) according to IEC61000-4-2 and withstand
peak current up to 2.8A for 8/20us pulse according to
IEC61000-4-5.
The KS05ML4 is available in a SOT-563 package.
Standard products are Pb-free and Halogen-free.
APPLICATIONS
Digital Cameras
Portable Instrumentation
Notebooks, Desktops, and Serves
Personal Digital Assistants (PDAs)
Cell phone handsets and accessories
FEATURES
low clamping voltage
Low leakage current
Small package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
Air contact
±15
IEC 61000-4-2 (ESD)
Contact discharge
±8
kV
Peak pulse power (tp=8/20us)
PPK
36
W
Peak pulse current (tp=8/20us)
IPP
2.8
A
Storage temperature range
TJ, TSTG
150, -55 ~ 150
°C
Lead temperature
TL
260
°C
.
SOT-563
UM
Pin configuration (Top-View)
E
F
J
B
C
D
G
A
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - KS05ML4_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results

Similar Description - KS05ML4_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com