Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS05ML4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05ML4
Description  Low Capacitance ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05ML4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS05ML4_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05ML4_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05ML4_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
KS05ML4
36W, 5V
Low Capacitance ESD Protection (Bi-directional)
23-Jan-2014 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reveres maximum working voltage
VRWM
-
-
5
V
Reveres leakage current
IR
VRWM=5V
-
-
1
µ
A
Reveres breakdown voltage
VBR
IT=1mA
6.5
-
-
V
Forward voltage
VF
IF=10mA
0.4
-
1.4
V
IPP=1A, tp=8/20us
-
-
10
V
Clamping Voltage
VC
IPP=2.8A, tp=8/20us
-
-
13
V
I/O-GND
-
0.7
1
Junction capacitance
I/O-I/O
CJ
f=1MHz, VR=0
-
0.35
5
pF
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com