Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412FPCZ Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8412FPCZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPCZ Datasheet(HTML) 4 Page - Analog Devices

  DAC8412FPCZ Datasheet HTML 1Page - Analog Devices DAC8412FPCZ Datasheet HTML 2Page - Analog Devices DAC8412FPCZ Datasheet HTML 3Page - Analog Devices DAC8412FPCZ Datasheet HTML 4Page - Analog Devices DAC8412FPCZ Datasheet HTML 5Page - Analog Devices DAC8412FPCZ Datasheet HTML 6Page - Analog Devices DAC8412FPCZ Datasheet HTML 7Page - Analog Devices DAC8412FPCZ Datasheet HTML 8Page - Analog Devices DAC8412FPCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
14.25 V ≤ VDD ≤ 15.75 V
150
ppm/V
Positive Supply Current
IDD
VREFH = 2.5 V
8.5
12
mA
Negative Supply Current
ISS
−10
−6.5
mA
Power Dissipation
PDISS
330
mW
1
All supplies can be varied ±5%, and operation is guaranteed. Device is tested with nominal supplies.
2
Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
3
All parameters are guaranteed by design.
4
All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
VDD = VLOGIC = +5.0 V ± 5%, VSS = 0.0 V, VREFH = +2.5 V, VREFL = 0.0 V, VSS = –5.0 V ± 5%, VREFL = −2.5 V, −40°C ≤ TA ≤ +85°C,
unless otherwise noted.1
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ACCURACY
Integral Nonlinearity Error
INL
E grade
±0.5
±1
LSB
F grade
±2
LSB
VSS = 0.0 V, E grade2
±2
LSB
VSS = 0.0 V, F grade2
±4
LSB
Differential Nonlinearity Error
DNL
Monotonic over temperature
–1
LSB
Min-Scale Error
VZSE
VSS = −5.0 V
±4
LSB
Full-Scale Error
VFSE
VSS = −5.0 V
±4
LSB
Min-Scale Error
VZSE
VSS = 0.0 V
±8
LSB
Full-Scale Error
VFSE
VSS = 0.0 V
±8
LSB
Min-Scale Temperature Coefficient
TCVZSE
100
ppm/°C
Full-Scale Temperature Coefficient
TCVFSE
100
ppm/°C
Linearity Matching
Adjacent DAC matching
±1
LSB
REFERENCE
Positive Reference Input Voltage Range3
VREFL + 2.5
VDD − 2.5
V
Negative Reference Input Voltage Range
VSS = 0.0 V
0
VREFH − 2.5
V
VSS = −5.0 V
–2.5
VREFH − 2.5
V
Reference High Input Current
IREFH
Code 0x000
–1.0
+1.0
mA
Large Signal Bandwidth
BW
−3 dB, VREFH = 0 V to 2.5 V p-p
450
kHz
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
RL = 2 kΩ, CL = 100 pF
–1.25
+1.25
mA
Settling Time
tS
To 0.01%, 2.5 V step, RL = 1 kΩ
7
μs
Slew Rate
SR
10% to 90%
2.2
V/μs
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
TA = 25°C
2.4
V
Logic Input Low Voltage
VINL
TA = 25°C
0.8
V
Logic Output High Voltage
VOH
IOH = 0.4 mA
2.4
V
Logic Output Low Voltage
VOL
IOL = −1.6 mA
0.45
V
Logic Input Current
IIN
1
μA
Input Capacitance
CIN
8
pF
LOGIC TIMING CHARACTERISTICS4, 5
Chip Select Write Pulse Width
tWCS
150
ns
Write Setup
tWS
tWCS = 150 ns
0
ns
Write Hold
tWH
tWCS = 150 ns
0
ns
Address Setup
tAS
0
ns
Address Hold
tAH
0
ns
Load Setup
tLS
70
ns
Load Hold
tLH
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com