Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412FPCZ Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8412FPCZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8412FPCZ Datasheet HTML 9Page - Analog Devices DAC8412FPCZ Datasheet HTML 10Page - Analog Devices DAC8412FPCZ Datasheet HTML 11Page - Analog Devices DAC8412FPCZ Datasheet HTML 12Page - Analog Devices DAC8412FPCZ Datasheet HTML 13Page - Analog Devices DAC8412FPCZ Datasheet HTML 14Page - Analog Devices DAC8412FPCZ Datasheet HTML 15Page - Analog Devices DAC8412FPCZ Datasheet HTML 16Page - Analog Devices DAC8412FPCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 13 of 20
20µV/DIV
M 200µs
A CH1
12.9mV
1
CH1 MEAN
66.19µV
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 34. Broadband Noise
6
–6
5
25
15
–5
–15
–25
20
10
0
–10
–20
–4
–2
0
2
4
VDD = +15V
VSS = 0V
VREFH = +10V
VREFL = 0V
TA = 25°C
DATA = 0x800
VOUT (V)
+ISC
–ISC
Figure 35. IOUT vs. VOUT
CH2
1.86V
2
1
1V
4µs
1V
10µs
GLITCH AT DAC OUTPUT
DEGLITCHER OUTPUT
Figure 36. Glitch and Deglitched Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com