Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C320G Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25C320G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C320G Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25C320G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ACE25C320G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
2
Packaging Type
DIP-8 / SOP-8
WSON-8
Pin Configurations
Pin No
Pin Name
I/O
Function
1
CS#
I
Chip Select Input
2
SO (IO1)
I/O
Data Output (Data Input Output 1)
3
WP# (IO2)
I/O
Write Protect Input (Data Input Output 2)
4
VSS
Ground
5
SI (IO0)
I/O
Data Input (Data Input Output 0)
6
SCLK
I
Serial Clock Input
7
HOLD# (IO3)
I/O
Hold Input (Data Input Output 3)
8
VCC
Power Supply
Memory Organization
Each device has Each block has Each sector has Each page has
4M
64/32K
4K
256
bytes
16K
256/128
16
-
pages
1024
16/8
-
-
sectors
64/128
-
-
-
blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com