Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C320G Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE25C320G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C320G Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE25C320G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ACE25C320G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
14
Figure6. Read Data Bytes Sequence Diagram
Read Data Bytes At Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is
followed by a 3- byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising
edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted
out, at a Max frequency fC, during the falling edge of SCLK. The first byte addressed can be at any
location. The address is automatically incremented to the next higher address after each byte of data
is shifted out.
Figure7. Read Data Bytes at Higher Speed Sequence Diagram
Dual Output Fast Read (3BH)
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte,
each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out
2-bit per clock cycle from SI and SO. The command sequence is shown in followed Figure8. The first
byte addressed can be at any location. The address is automatically incremented to the next higher
address after each byte of data is shifted out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com