Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C800G Datasheet(PDF) 29 Page - ACE Technology Co., LTD.

Part # ACE25C800G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C800G Datasheet(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25C800G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ACE25C800G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.6
29
Figure27. Write Enable for Volatile Status Register
Power – On Timing
Table3. Power-Up Timing And Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To CS# Low
10
us
tPUW
Time Delay From VCC(min) To Write Instruction
1
10
ms
VWI
Write Inhibit Voltage VCC(min)
1
2.5
V
Initial Delivery State
The device is delivered with the memory array erased: all bits are set to 1(each byte contains
FFH).The Status Register contains 00H (all Status Register bits are 0).
Data Retention And Endurance
Parameter
Test Condition
Min
Units
Minimum Pattern Data Retention Time
150℃
10
Years
125℃
20
Years
Erase / Program Endurance
-40 to 85 ℃
100K
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com