Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C800G Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25C800G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C800G Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25C800G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ACE25C800G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.6
13
Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) command must previously have been executed.
After the Write Enable (WREN) command has been decoded and executed, the device sets the Write
Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S1 and S0 of the Status
Register. CS# must be driven high after the eighth or sixteen bit of the data byte has been latched in.
If not, the Write Status Register (WRSR) command is not executed. If CS# is driven high after eighth
bit of the data byte, the CMP and QE and SRP1 bits will be cleared to 0. As soon as CS# is driven
high, the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write
Status Register cycle is in progress, the Status Register may still be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status
Register cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch
(WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block
Protect (SEC, TB, BP2, BP1, BP0) bits, to define the size of the area that is to be treated as
read-only, as defined in Table1. The Write Status Register (WRSR) command also allows the user to
set or reset the Status Register Protect (SRP1 and SRP0) bits in accordance with the Write Protect
(WP#) signal. The Status Register Protect (SRP1 and SRP0) bits and Write Protect (WP#) signal
allow the device to be put in the Hardware Protected Mode. The Write Status Register (WRSR)
command is not executed once the Hardware Protected Mode is entered.
Figure5. Write Status Register Sequence Diagram
Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out
on SO, each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The first
byte addressed can be at any location. The address is automatically incremented to the next higher
address after each byte of data is shifted out. The whole memory can, therefore, be read with a
single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase,
Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com