Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE306A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE306A
Description  Low Voltage Detector with Built-in Delay Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE306A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                  
ACE306A
                                   
Low Voltage Detector with Built-in Delay Circuit
 
VER 1.1
3
Block diagram
N channel open-drain
CMOS output
Electrical Characteristics
(Ta=25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detection
Voltage*1
-
−VDET(S)
×0.98
−VDET(S)
−VDET(S)
×1.02
V
VHYS
Hysteresis
Width
-
0.02×
−VDET(S)
0.05×
−VDET(S)
0.08×
−VDET(S)
V
Lss
Current
Consumpti
VDD=-VDET+
0.5V
ACE306A C/N20~26
-
1.0
3.0
μA
ACE306A C/N26~39
-
1.2
3.2
μA
ACE306A C/N39~60
-
1.5
3.5
μA
VDD
Operating
Voltage
-
0.95
-
7
V
LOUT
Output
current
NMOS:
VOUT =0.5 V
VDD=-VDET-
0.5 V
ACE306A C/N20~26
3.0
13.0
-
mA
ACE306A C/N26~39
3.0
15.0
-
mA
ACE306A C/N39~60
3.0
18.0
-
mA
PMOS:
VDD-VOUT=
ACE306A C/N20~26
1.5
4.0
-
mA
ACE306A C/N26~39
1.5
6.0
-
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com