Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE306A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE306A
Description  Low Voltage Detector with Built-in Delay Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE306A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
                                                                                                                 
ACE306A
                                   
Low Voltage Detector with Built-in Delay Circuit
VER 1.1
1 
Description
The ACE306A Series is a series of high-precision voltage detectors with a built-in delay time generator of
fixed time. developed using CMOS process.
The detection voltage is fixed internally, with an accuracy of ±2.0%. Internal oscillator and counter timer
can delay the release signal without external parts, delay times 210 ms Two output forms, NMOS
open-drain and CMOS output are available.
Features
High-precision detection Voltage:2%
Detection Voltage:1.5V~6.0V (10mV steps)
Operating Voltage range:0.95V~7.0V
Ultra-low current consumption:0.9μA@3.5V(Typ.)
Two Output forms: CMOS and N-channel open-drain (Active Low)
Hysteresis characteristics:-VDET*5%(Typ.)
Delay time:210 ms(Typ.)
Application
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
Power monitor for portable equipment such as notebook computers, digital cameras, PDA,
and cellular phones.
Constant voltage power monitors for cameras, video equipment and communication devices
Power monitor for microcomputers and reset for CPUs
Absolute Maximum Ratings
(Ta=25°C, unless otherwise specified)
Parameter
Max
Unit
Power supply voltage(VDD)
VSS-0.3 ~ VSS+8
V
Output voltage(VOUT)
VSS-0.3 ~ VSS+8
V
Power dissipation(PD)
250
250
mW
500
500
mW
500
500
mW
250
250
mW
Operating ambient temperature(Topr)
-
40 ~+85
°
C
Storage temperature(Tstg)
-
40 ~+125
°
C
Soldering Temperature & Time(Tsolder)
260℃, 10s


Similar Part No. - ACE306A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE306 ACE-ACE306 Datasheet
1Mb / 15P
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
ACE306X090XXX+ ACE-ACE306X090XXX+ Datasheet
1Mb / 15P
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
ACE306X100XXX+ ACE-ACE306X100XXX+ Datasheet
1Mb / 15P
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
ACE306X110XXX+ ACE-ACE306X110XXX+ Datasheet
1Mb / 15P
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
ACE306X120XXX+ ACE-ACE306X120XXX+ Datasheet
1Mb / 15P
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
More results

Similar Description - ACE306A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
Low Voltage Detector with built-in Delay Circuit
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
Low Voltage Detector with Built-in Delay Circuit
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com