Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS166 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS166
Description  15mA Axial Leaded Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS166 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS166 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS166 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
1SS166
.2
of 2
15mA Axial Leaded Schottky Barrier Diodes
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
Low forward voltage
High breakdown voltage
Low diode capacitance.
Pb / RoHS Free
·
Case: DO-
Glass Case
Weight: approx. 0.11g
Symbol
Value
Unit
Reverse Voltage
VR
10
V
Average Rectified Current
Io
15
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
100
°C
Storage temperature range
Tstg
-55 to + 100
°C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Parameter
Parameter
Symbol
Min
Typ
Max
Unit
VR = 10 V
-
-
10
µA
VR = 2 V
-
-
0.2
µA
IF = 1 mA
365
-
430
mV
IF = 10 mA
520
-
600
mV
Diode Capacitance
Cd
VR = 0V, f = 1MHz
-
-
1
pF
VF
IF = 10 mA
-
-
±5
mV
Reverse Current
IR
Forward Voltage Deviation
Forward Voltage
VF
Test Condition
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm


Similar Part No. - 1SS166

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SS166 EIC-1SS166 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
More results

Similar Description - 1SS166

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
100mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
150mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
BAT81 SUNMATE-BAT81 Datasheet
213Kb / 2P
30mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
30mA Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
2.0A Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com