Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11DF2 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 11DF2
Description  1.0A Axial Leaded Ultra-Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

11DF2 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  11DF2 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 11DF2 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
11DF1-11DF2
1.0A Axial Leaded Ultra-Fast Rectifier
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Superfast recovery time
Case : DO-41 Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.339 gram
SYMBOL
11DF1
11DF2
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
V
Maximum RMS Voltage
VRMS
70
140
V
Maximum DC Blocking Voltage
VDC
100
200
V
Maximum Average Forward Current
Ta = 63
°C
IF(AV)
1.0
A
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave
Superimposed on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 A
VF
0.98
V
Maximum DC Reverse Current at VRRM
IR
10
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Note : ( 1 ) Reverse Recovery Test Conditions : I
F = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
RATING
IFSM
30
A


Similar Part No. - 11DF2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
11DF2 NIEC-11DF2 Datasheet
94Kb / 5P
FRD LOW FORWARD VOLTAGE DROP
logo
EIC discrete Semiconduc...
11DF2 EIC-11DF2 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
11DF2 NJSEMI-11DF2 Datasheet
61Kb / 1P
Ultra-Fast Recovery
11DF2 NJSEMI-11DF2 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
National Instruments Co...
11DF2 NI-11DF2_15 Datasheet
91Kb / 1P
FRED
More results

Similar Description - 11DF2

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
1.0A Axial Leaded Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
MUR440 SUNMATE-MUR440 Datasheet
204Kb / 2P
4.0A Axial Leaded Ultra-Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
1.0A Axial Leaded Super Fast Rectifier Diodes
UF100 SUNMATE-UF100 Datasheet
89Kb / 2P
1.0A Axial Leaded Ultrfast Switching Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com