Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8101 Datasheet(PDF) 2 Page - NEC

Part # UPC8101
Description  150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 2 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UPC8101GR
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6.0
PD
Power Dissipation2
mW
530
TOP
Operating Temperature
°C
-20 to +70
TSTG
Storage Temperature
°C
-65 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = +70
°C).
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
3.0
5.5
TOP
Operating Temperature
°C
-20
+25
+70
fI/Q
I/Q Frequency
kHz
DC
500
fLO
LO Frequency
MHz
100
300
fIF
IF Frequency
MHz
50
150
VI/Q
I/Q Voltage
V
VCC/2
+1 Vp-p
1
2
3
4
5
6
7
89
10
20
19
18
17
16
15
14
13
12
11
I SIGNAL
1 k
Ω
33 nF
LO
INPUT
Q
SIGNAL
IF
OUTPUT
1 k
Ω
10 nF
5
µF
33 nF
1000 pF
1 k
Ω 1 kΩ
30 pF
50
Ω
1000 pF
SIGNAL
f (MHz)
PIN
LO
300.1 MHz
-10 dBm
I Signal
36 kHz
1Vp-p
Q Signal
36 kHz
1 Vp-p
I/Q phase difference = 90
°
For the LO leakage test, I/Q
signal is applied as only DC.
TEST CIRCUIT
UPC8101GR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com