Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8101 Datasheet (PDF) - NEC

UPC8101 Datasheet PDF - NEC
Part # UPC8101
Download  UPC8101 Download
File Size   109.48 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS

UPC8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8101 Datasheet PDF - NEC

Part # UPC8101
Download  UPC8101 Click to download

File Size   109.48 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS

UPC8101 Datasheet (HTML) - NEC


UPC8101 Product details

DESCRIPTION
The UPC8101GR is a Silicon Monolithic Integrated Circuit (MMIC) which is manufactured using NECs 20 GHz fT NESAT III process. The Quadrature Modulator was designed for digital mobile communications in general, and the CT2 band requirements in particular. Operating on DC bias voltages as low as 2.7 volts, this IC is ideal for handheld/portable designs.

FEATURES
• OPERATING FREQUENCY: 50 to 150 MHz
• I/Q INPUT FREQUENCY RANGE: DC to 500 kHz
• DIGITAL 90° PHASE SHIFTER
• ALLOWABLE BIAS VOLTAGE: 2.7 to 5.5 V
• POWER SAVE: "SLEEP" MODE
• SMALL SIZE SSOP20 SURFACE MOUNT PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101 NEC-UPC8101 Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results


Similar Description - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
43Kb / 3P
3 V, SILICON MMIC 150 MHz QUADRATURE MODULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com