Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8101 Datasheet (PDF) - NEC

UPC8101 Datasheet PDF - NEC
Part # UPC8101
Download  UPC8101 Download
File Size   248.64 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION

UPC8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8101 Datasheet PDF - NEC

Part # UPC8101
Download  UPC8101 Click to download

File Size   248.64 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION

UPC8101 Datasheet (HTML) - NEC


UPC8101 Product details

DESCRIPTION
The µPC8110GR is a sillicon monolithic integrated circuit designed as 1 GHz direct quadrature modulator for digital mobile communication systems. This modulator housed in a 20 pin plastic SSOP that easy to install and contributes to miniaturizing the system.
The device has power save function and can operates 2.7 to 3.6 V supply voltage to realize low power consumption.

FEATURES
• Direct modulation range : 800 MHz to 1 GHz
• Supply voltage range : VCC = 2.7 to 3.6 V
• Low operation current : ICC = 24 mA typical @ VCC = 3 V
• Low phase difference due to digital phase shifter is adopted.
• 20 pin SSOP suitable for high density surface mounting.
• Low current sleep mode

APPLICATION
• Digital cellular phone (PDC, IS-54/IS-136, GSM etc..)




Similar Part No. - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101 NEC-UPC8101 Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8101GR NEC-UPC8101GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results


Similar Description - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
1 GHz QUADRATURE MODULATOR
logo
RF Micro Devices
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com