Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8101 Datasheet(PDF) 2 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 2 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC UPC8101 Datasheet HTML 4Page - NEC UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet P11074EJ3V0DS00
2
µµµµPC8110GR
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS
(Top View)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
90˚
Phase
Sitter
REG.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
16.
17.
18.
19.
20.
LOin
GND
LOin
GND
Q-INPUT
Q-INPUT
I-INPUT
I-INPUT
GND
GND
RFout
GND
GND
VCC
GND
GND
Power Save (VPS)
GND
VCC
GND
SERIES PRODUCTS
SERIES TYPE
PART
NUMBER
f LO1in
(MHz)
f MODout
(MHz)
f I/Q
(MHz)
Up-Converter
f RFout (MHz)
APPLICATION
150 MHz Quadrature
MOD
µPC8101GR
100 to 300
50 to 150
DC to
0.5
External
CT2, Digital Comm.
Up-Con+Quadrature MOD
µPC8104GR
100 to 400
DC to 10
900 to 1900
PHS, PDC etc..
400 MHz Quadrature
MOD
µPC8105GR
100 to 400
DC to 10
External
PDC, IS-136, GSM,
PHS
1 GHz direct Quad MOD
µPC8110GR
800 to 1000
DC to 10
Direct
PDC, IS-136, GSM etc.
Remark
As for detail information of series products, please refer to each data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com