Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8101 Datasheet(PDF) 21 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 21 Page - NEC

Back Button UPC8101 Datasheet HTML 17Page - NEC UPC8101 Datasheet HTML 18Page - NEC UPC8101 Datasheet HTML 19Page - NEC UPC8101 Datasheet HTML 20Page - NEC UPC8101 Datasheet HTML 21Page - NEC UPC8101 Datasheet HTML 22Page - NEC UPC8101 Datasheet HTML 23Page - NEC UPC8101 Datasheet HTML 24Page - NEC UPC8101 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet P11074EJ3V0DS00
21
µµµµPC8110GR
MEASUREMENT BLOCK DIAGRAM 2
(Local Input VSWR and RF Output VSWR)
Qin
Qin
Iin
Iin
33 pF
33 pF
LOin
51
Ω
Vps
VCC1
VCC2
0.22 F
µ
µ
0.22 F
100 pF
1000 pF
RFout
33 pF
100 pF
1000 pF
Voltage
Source
Voltage
Source
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Network Analyzer
Voltage
Source
Network Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com