Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8103T Datasheet(PDF) 13 Page - NEC

Part # UPC8103T
Description  MIXER OSCILLATOR IC FOR PAGER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8103T Datasheet(HTML) 13 Page - NEC

Back Button UPC8103T Datasheet HTML 9Page - NEC UPC8103T Datasheet HTML 10Page - NEC UPC8103T Datasheet HTML 11Page - NEC UPC8103T Datasheet HTML 12Page - NEC UPC8103T Datasheet HTML 13Page - NEC UPC8103T Datasheet HTML 14Page - NEC UPC8103T Datasheet HTML 15Page - NEC UPC8103T Datasheet HTML 16Page - NEC UPC8103T Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
µPC8103T, µPC8108T
13
—
µPC8103T —
RF input level vs. IF output level and IM3
RF input level PRFin (dBm)
–50
–30
–20
–10
+10
0
–10
–20
–30
–40
–50
–60
–40
IM3
IFout
VCC = 1.0 V
fLoin = 170 MHz
PLoin = –21 dBm
fRFin (des)= 150.0 MHz
fRFin (undes) = 150.5 MHz
TEST CIRCUIT 1
RF input level vs. IF output level and IM3
–50
–30
–20
–10
+10
0
–10
–20
–30
–40
–50
–60
–40
IM3
IFout
VCC = 1.0 V
fLoin = 300 MHz
PLoin = –21 dBm
fRFin (des) = 280.0 MHz
fRFin (undes) = 280.5 MHz
TEST CIRCUIT 1
RF input level PRFin (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com