Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8103T Datasheet(PDF) 21 Page - NEC

Part # UPC8103T
Description  MIXER OSCILLATOR IC FOR PAGER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8103T Datasheet(HTML) 21 Page - NEC

Back Button UPC8103T Datasheet HTML 17Page - NEC UPC8103T Datasheet HTML 18Page - NEC UPC8103T Datasheet HTML 19Page - NEC UPC8103T Datasheet HTML 20Page - NEC UPC8103T Datasheet HTML 21Page - NEC UPC8103T Datasheet HTML 22Page - NEC UPC8103T Datasheet HTML 23Page - NEC UPC8103T Datasheet HTML 24Page - NEC UPC8103T Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
µPC8103T, µPC8108T
21
Application circuit example (In the case of
µPC8103T)
1 000 pF
VCC (1.05 V)
C2
C1
3
2
1
4
5
6
RF IN (173.94 MHz, –40 dBm)
Low impedance
R1
4.3 k
Ω
L1
56 nH
11 pF
C3
16 pF
C4
8 pF
150 nH (68+82 nH)
L2+L3
L4
C7
1 000 pF
150 H
C6
1 000 pF
C5
22 pF
R2
4.3 k
Ω
152.2400 MHz
(Overtone Xtal)
High impedance
IF OUT
21.7 MHz
(KSS 21.7-7A)
X'tal
BPF
µ
ILLUSTRATION OF APPLICATION CIRCUIT ASSEMBLED ON EVALUATION BOARD
(EX-LO)
IF OUT
B
A
D
C
RF IN
A’
B’
C’
D’
IN
OUT
C7
C6
L2 L3
X'tal
BPF
PC8103T
8108T
SURFACE
BACKSIDE
C4
C3
L1
R1
C1
L4
µ
Note
(*1) 35
× 42 × 0.4 mm double copper clad polyimide board
(*2) Solder plated pattern
(*3) Surface vs. Backside : A - A’, B - B’, C - C’, D - D’
(*4)
: Through holes
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com