Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HT1G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS16HT1G
Description  200mA Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS16HT1G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS16HT1G Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS16HT1G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Switching Diode
BAS16HT1G
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
· Case Molded Plastic
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
SYMBOLS
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
IR
V( BR )
VF
CJ
VFR
trr
QS
UNITS
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
85
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
600
mA
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 5.0µA85
V
VF
Forward Voltage
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
715
855
1.0
1.25
mV
mV
V
V
IR
Reverse Leakage
VR = 75V
VR = 25V, TA = 150°C
VR = 75V, TA = 150°C
1.0
30
50
µA
µA
µA
CT
Total Capacitance
VR = 0, f = 1.0MHz
2.0
pF
trr
Reverse Recovery Time
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
6.0
ns
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
* These ratings are limiting values above which the serviceability of the diode may be impaired.


Similar Part No. - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
122Kb / 5P
Small Signal Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
Switching Diode
June, 2013 ??Rev. 10
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
60Kb / 4P
Switching Diode
April, 2016 ??Rev. 12
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
217Kb / 5P
Small Signal Diode
More results

Similar Description - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS20H WILLAS-BAS20H Datasheet
332Kb / 3P
200mA Surface Mount Switching Diode-200V
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
MMDL6050 WILLAS-MMDL6050 Datasheet
327Kb / 3P
200mA Surface Mount Switching Diode - 70V
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
200mA Surface Mount High Speed Switching Diode
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
200mA Surface Mount Switching Diode
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
200mA Surface Mount Small Signal Switching Diode
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAV19WS-V SUNMATE-BAV19WS-V Datasheet
311Kb / 2P
200mA Surface Mount Small Signal Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com