Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HT1G Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BAS16HT1G
Description  200mA Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS16HT1G Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BAS16HT1G Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS16HT1G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
100
0.2
0.4
VF, FORWARD VOLTAGE ( VOLTS )
0.6
0.8
1.0
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
10
20
30
40
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
1.2
TA= -40
oC
TA=25
oC
TA=25
oC
TA=55
oC
TA=85
oC
TA=125
oC
TA=150
oC
TA=85
oC
50
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100
µA
Figure 2. Reverse Current vs Reverse Voltage
IR - 10 to 100V
Figure 3. Forward Voltage vs Forward Current
VF - 1.0 to 100
µA
Figure 4. Forward Voltage vs Forward Current
VF - 0.1 to 10mA
Figure 5. Forward Voltage vs Forward Current
VF - 10 - 800mA
Figure 6. Total Capacitance
1
2
3
5
10
20
30
50
100
110
120
130
140
150
Reverse Current, I
R [uA]
Ta= 25
°C
Ta= 25
°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
10
20
30
50
70
100
0
50
100
150
200
250
300
Reverse Voltage, V
R [v]
225
1
2
3
5
10
20
30
50
100
250
300
350
400
450
Forward Current, I
F [uA]
F
485
Ta= 25
°C
0.1
0.2 0.3
0.5
1
2
3
5
10
450
500
550
600
650
700
Forward Current, I
F [mA]
725
Ta= 25
°C
10
20
30
50
100
200 300
500
0.6
0.8
1
1.2
1.4
Forward Current, I
F [mA]
1.5
Ta= 25
°C
02
46
8
10
12
14
1
1.1
1.2
1.3
Reverse Voltage [V]
Ta= 25
°C
15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com