Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2310C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2310C
Description  Plastic-Encapsulate MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2310C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2310C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE2310C
Plastic-Encapsulate MOSFET
VER 1.1
2
Electrical Characteristics (TA=25 OC unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
STATIC CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1
uA
Gate-Body Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.5
2
V
Drain-source on-resistance (note 3)
RDS(on)
VGS =10V, ID =3A
105
mΩ
VGS =4.5V, ID =3A
125
Forward tranconductance (note 3)
g
FS
VDS =15V, ID =2A
1.4
S
Diode forward voltage (note 3)
VSD
IS=3A, VGS = 0V
1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
VDS=30V, VGS=-0V
F=1MHz
247
pF
Output Capacitance
Coss
34
pF
Reverse Transfer Capacitance
Crss
19.5
pF
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
VGS=-10V, VDD=30V
ID=1.5,RGEN=1
Ω
6
ns
Turn-on rise time
tr
15
Turn-off delay time
td(off)
15
Turn-off fall time
tf
10
Total Gate Charge
Qg
VDS=30V, VGS=-4.5V,
ID=-3A
6
nC
Gate-Source Charge
Qgs
1
Gate-Drain Charge
Qgd
1.3
Note:
1. Repetitive rating : Pulse width limited by junction temperature.
2.
Surface mounted on FR4 board , t≤10s.
3.
Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
4. Guaranteed by design, not subject to producting.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com