Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2310C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2310C
Description  Plastic-Encapsulate MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2310C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2310C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2310C Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE2310C
Plastic-Encapsulate MOSFET
VER 1.1
1
Description
The ACE2310C uses advanced trench technology to provide excellent RDS(ON) , low gate charge and
operation with gate voltage as low as 2.5V. This device is suitable for use as a battery protection or in
other switching application.
Features
• High power and current handing capability
• Lead free product is acquired
• Surface mount package
Applications
• Battery Switch
• DC/DC Converter
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
3
A
Pulsed Drain Current (note 1)
IDM
10
A
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient (note 2)
RθJA
357
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~150
Packaging Type
SOT-23-3
Equivalent Circuit
Ordering information
ACE2310C XX + H
BM:SOT-23-3
Pb - free
Halogen - free


Similar Part No. - ACE2310C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2301 ACE-ACE2301 Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301 ACE-ACE2301 Datasheet
267Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2301B ACE-ACE2301B Datasheet
261Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2301BM+H ACE-ACE2301BM+H Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301BM+H ACE-ACE2301BM+H Datasheet
267Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2310C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC846S SECOS-BC846S_15 Datasheet
142Kb / 1P
Plastic-Encapsulate
logo
Jiangsu High diode Semi...
2N60 HDSEMI-2N60 Datasheet
2Mb / 3P
TO-251 Plastic-Encapsulate MOSFET
2N7002 HDSEMI-2N7002 Datasheet
2Mb / 5P
SOT-23 Plastic-Encapsulate MOSFET
BSS138 HDSEMI-BSS138 Datasheet
2Mb / 5P
SOT-23 Plastic-Encapsulate MOSFET
HD2301 HDSEMI-HD2301 Datasheet
2Mb / 5P
SOT-23 Plastic-Encapsulate MOSFET
HD2307 HDSEMI-HD2307 Datasheet
2Mb / 5P
SOT-23 Plastic-Encapsulate MOSFET
HD2312 HDSEMI-HD2312 Datasheet
1Mb / 5P
Plastic-Encapsulate MOSFET
HD3400 HDSEMI-HD3400 Datasheet
1Mb / 5P
Plastic-Encapsulate MOSFET
HD3401 HDSEMI-HD3401 Datasheet
2Mb / 5P
Plastic-Encapsulate MOSFET
logo
SHIKUES Electronics
SK3414 SKTECHNOLGY-SK3414 Datasheet
281Kb / 2P
Plastic-Encapsulate Transistors MOSFET(N-Channel)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com