Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4054C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4054C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
2
Absolute Maximum Ratings
Parameter
Max
Unit
VCC
-0.3 ~6.5
V
PROG
-0.3 ~ VCC+0.3
V
BAT
-0.3 ~ 5
V
CHRG
-0.3 ~ 6.5
V
BAT Short-Circuit Duration
Continuous
PROG Pin Current
2
mA
Maximum Junction Temperature
125
Operating Ambient Temperature Range
-40 ~ 85
Storage Temperature Range
-40 ~ 125
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SOT-23-6
ESOP-8
6
5
4
1
8
2
7
3
6
4
5
1
2
3
Pin Description
CHRG: Open-Drain Charge Status Output. The CHRG pin outputs low when the battery is charging.
STDBY: Open-Drain Charge Status Output. The STDBY pin outputs low when the battery is full.
GND: Ground.
BAT: Charge Current Output. This pin provides charge current to the battery and regulates the final float
voltage to 4.2V which is set by an internal precision resistor divider.
VCC: Positive Input Supply. Needs to be bypassed with at least a 1
μF capacitor. When input voltage
drops to within 30mV of the BAT pin voltage, the ACE4054C switches to shutdown mode.
PROG: Program, Monitor the charge current and Shutdown. This pin set to 1V in constant-current mode.
The charge current is programmed by connecting a 1% resistor, RPROG, to GND pin. The charge
current can be calculated using the following formula:
IBAT=(VPROG/RPROG)*1000
SOT-23-6
ESOP-8
Description
1
7
CHRG
2
3
GND
3
5
BAT
4
4
VCC
5
6
STDBY
6
2
PROG
1.8
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com