Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4054C Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
11
ACE4054C
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering
Power Dissipation
The power dissipated in the IC causes the rise of die temperature. Most of the power dissipation is
caused by the internal power MOSFET, and can be calculated by the following equation:
PD=(VCC-VBAT)*IBAT
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and
IBAT is the charge current. The approximate ambient temperature at which the thermal feedback begins
to protect the IC is:
TA=120℃-PDΘJA
TA=120℃-(VCC-VBAT)*IBAT*ΘJA
Example: An ACE4054C operating from a 5V USB supply is programmed to supply 400mA full-scale
current to a discharged Li-Ion battery with a voltage of 3.75V. Assuming
ΘJA is 150°C /W (see Board
Layout Considerations), the ambient temperature at which the ACE4054C will begin to reduce the charge
current is approximately:
TA=120℃-(5V-3.75V)*(400mA)*150℃/W
TA=120℃-0.5W*150℃/W=120℃-75℃
TA=45℃
The ACE4054C can be used above 45°C ambient, but the charge current will be reduced from 400mA.
The approximate current at a given ambient temperature can be approximated by:
Using the previous example with an ambient temperature of 60°C, the charge current will be reduced to
approximately:
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also
reduced proportionally as discussed in the operation section.
It is important to remember that ACE4054C applications do not need to be designed for worst-case
thermal conditions since the IC will automatically reduce power dissipation when the junction temperature
reaches approximately 120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com