Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8102 Datasheet(PDF) 13 Page - NEC

Part # UPC8102
Description  RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8102 Datasheet(HTML) 13 Page - NEC

Back Button UPC8102 Datasheet HTML 9Page - NEC UPC8102 Datasheet HTML 10Page - NEC UPC8102 Datasheet HTML 11Page - NEC UPC8102 Datasheet HTML 12Page - NEC UPC8102 Datasheet HTML 13Page - NEC UPC8102 Datasheet HTML 14Page - NEC UPC8102 Datasheet HTML 15Page - NEC UPC8102 Datasheet HTML 16Page - NEC UPC8102 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
µPC8102T
13
– TEST CIRCUIT 3 (matched with 50
Ω
Ω
Ω
Ω
Ω) –
C2
De1
CH1 S22
1 U FS
1:
51.172
Ω
4.5469
Ω
2.5845 nH
280.000 000 MHz
CENTER
280.000 000 MHz
SPAN
200.000 000 MHz
C2
De1
CH1 S11
1 U FS
1:
84.699
Ω
–2.8789
Ω
197.44 pF
280.000 000 MHz
CENTER
280.000 000 MHz
SPAN
200.000 000 MHz
CENTER
280.000 000 MHz
SPAN
200.000 000 MHz
C2
De1
CH1 S21
log
MAG
10 dB/
REF 0 dB
1:
14.748 dB
CENTER
260.000 000 MHz
SPAN
200.000 000 MHz
C2
De1
CH1 S12
log
MAG
10 dB/
REF 0 dB
1:
–32.145 dB
280 MHz
VCC = 1.0 V
,
ICC = 0.55 mA
NF = 4.0 dB
260.000 000 MHz
280.000 000 MHz
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com