Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC3356
Description  NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3356 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC3356 Datasheet HTML 1Page - California Eastern Labs 2SC3356 Datasheet HTML 2Page - California Eastern Labs 2SC3356 Datasheet HTML 3Page - California Eastern Labs 2SC3356 Datasheet HTML 4Page - California Eastern Labs 2SC3356 Datasheet HTML 5Page - California Eastern Labs 2SC3356 Datasheet HTML 6Page - California Eastern Labs 2SC3356 Datasheet HTML 7Page - California Eastern Labs 2SC3356 Datasheet HTML 8Page - California Eastern Labs 2SC3356 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NE85633 / 2SC3356
7
f
o
2
e
g
a
P
0
0
.
3
.
v
e
R
0
0
3
0
J
E
1
2
0
0
S
D
9
0
R
Jun 28, 2011
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
s
ci
ts
ir
e
tc
a
r
a
h
C
C
D
Collector Cut-off Current
ICBO
VCB = 10 V, IE
0
.
1
–
–
0
=
μ
A
Emitter Cut-off Current
IEBO
VEB = 1.0 V, IC
0
.
1
–
–
0
=
μ
A
h
ni
a
G
t
n
e
rr
u
C
C
D
FE
Note 1
VCE = 10 V, IC = 20 mA
50
120
250
–
s
ci
ts
ir
e
tc
a
r
a
h
C
F
R
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
–
7
–
GHz
Insertion Power Gain
⏐
S21e⏐2 VCE = 10 V, IC = 20 mA, f = 1 GHz
–
11.5
–
dB
V
F
N
e
r
u
gi
F
e
si
o
N
CE
= 10 V, IC = 7 mA, f = 1 GHz
–
1.1
2.0
dB
Reverse Transfer Capacitance
CreNote2 VCB = 10 V, IE = 0, f = 1 MHz
−
0.55
1.0
pF
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
Q/YQ
R/YR
S/YS
Marking
R23
R24
R25
hFE Value
50 to 100
80 to 160
125 to 250
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com