Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC3356
Description  NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3356 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC3356 Datasheet HTML 1Page - California Eastern Labs 2SC3356 Datasheet HTML 2Page - California Eastern Labs 2SC3356 Datasheet HTML 3Page - California Eastern Labs 2SC3356 Datasheet HTML 4Page - California Eastern Labs 2SC3356 Datasheet HTML 5Page - California Eastern Labs 2SC3356 Datasheet HTML 6Page - California Eastern Labs 2SC3356 Datasheet HTML 7Page - California Eastern Labs 2SC3356 Datasheet HTML 8Page - California Eastern Labs 2SC3356 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NE85633 / 2SC3356
7
f
o
4
e
g
a
P
0
0
.
3
.
v
e
R
0
0
3
0
J
E
1
2
0
0
S
D
9
0
R
Jun 28, 2011
7
0
1
2
3
4
5
6
0.5
1
5
10
50 70
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
5
4
3
2
1
0
15
3
6
9
12
0
2
4
6
8
10
Collector to Emitter Voltage VCE (V)
NOISE FIGURE, INSERTION POWER GAIN
vs. COLLECTOR TO EMITTER VOLTAGE
f = 1 GHz
IC = 20 mA
|S21e|2
NF
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com